Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ2H24AFR-R0C Fiches technique(PDF) 17 Page - Hynix Semiconductor

No de pièce H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Fiches technique(HTML) 17 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
17
H5GQ2H24AFR
The flow diagram in Figure 7 illustrates the ABI operation. The controller decides whether to invert or not 
invert the data conveyed on the address lines. The GDDR5 SGRAM has to perform the reverse operation 
based on the level of the ABI# pin. Address input timing parameters are only valid with ABI being enabled 
and a maximum of 4 address inputs driven Low. 
Figure 7: Address Bus Inversion (ABI) Flow Diagram
Data to be sent 
on address lines
’0’ count
> 4 ?
ABI# = ’L’
Invert
Yes
ABI# = ’H’
Don’t invert
No
Determine ’0’
count
Data received 
on address lines
ABI# = ’H’
Don’t invert
ABI# = ’L’
Invert
Controller
GDDR5
SGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More