Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ2H24AFR-R0C Fiches technique(PDF) 154 Page - Hynix Semiconductor

No de pièce H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Fiches technique(HTML) 154 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 150Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 151Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 152Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 153Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 154Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 157Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 158Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
154
H5GQ2H24AFR
Table 48. WCK-to-Data READ Timing Sensitivity to VDDQ
Parameter
Symbol
Values
Units
Notes
WCK2DQO Sensitivity to variations in VDDQ for 
zone_VQ1
PLL on
tO2VQSensZ1
TBD
ps/V
a,b
a. Calculation of tO2VQSensZ1 is performed as follows: 
tO2VQSensZ1 equals the quantity (tWCK2DQO(Zone_VQ1(max)) ‐ tWCK2DQO(Zone_VQ1(min)))  
divided by (VDDQ(Zone_VQ1(max)) ‐ VDDQ(Zone_VQ1(min))) 
= (tWCK2DQO(VDDQ(max)) ‐ tWCK2DQO(VDDQ(min))) / (VDDQ(max) ‐ VDDQ(min)).  
b. VDD(typ), Tcase = 85°C, worst‐case process corner.
PLL off
TBD
Table 49. WCK-to-Data READ Timing Sensitivity to VDD
Parameter
Symbol
Values
Units
Notes
WCK2DQO Sensitivity to variations in VDD for zone_VD1
PLL on
tO2VDSensZ1
TBD
ps/V
a,b
a. Calculation of tO2VDSensZ1 is performed as follows: 
tO2VDSensZ1 equals the quantity (tWCK2DQO(Zone_VD1(max)) ‐ tWCK2DQO(Zone_VD1(min)))  
divided by (VDD(Zone_VD1(max)) ‐ VDD(Zone_VD1(min))) 
= (tWCK2DQO(VDD(max)) ‐ tWCK2DQO(VDD(min))) / (VDD(max) ‐ VDD(min)). 
b. VDDQ(typ), Tcase = 85°C, worst‐case process corner.
PLL off
TBD
Table 50. WCK-to-Data READ Timing Sensitivity to Tcase
Parameter
Symbol
Values
Units
Notes
WCK2DQO Sensitivity to variations in Tcase for zone_T1
PLL on
tO2TSensZ1
TBD
ps/°C
a,b
a. Calculation of tO2TSensZ1 is performed as follows: 
tO2TSensZ1 equals the quantity (tWCK2DQO(Zone_T1(max)) ‐ tWCK2DQO(Zone_T1(min)))  
divided by (Tcase(Zone_T1(max)) ‐ Tcase(Zone_T1(min))) 
= (tWCK2DQO(Tcase(max)) ‐ tWCK2DQO(Tcase(min))) / (Tcase(max) ‐ Tcase(min)).
b. VDDQ(typ), VDD(typ), worst‐case process corner.
PLL off
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More