Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 172 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 172 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 168Page - Microchip Technology PIC24H Datasheet HTML 169Page - Microchip Technology PIC24H Datasheet HTML 170Page - Microchip Technology PIC24H Datasheet HTML 171Page - Microchip Technology PIC24H Datasheet HTML 172Page - Microchip Technology PIC24H Datasheet HTML 173Page - Microchip Technology PIC24H Datasheet HTML 174Page - Microchip Technology PIC24H Datasheet HTML 175Page - Microchip Technology PIC24H Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 290 page
background image
PIC24H
DS70175D-page 172
Preliminary
© 2006 Microchip Technology Inc.
17.1
UART Baud Rate Generator (BRG)
The UART module includes a dedicated 16-bit Baud
Rate Generator. The BRGx register controls the period
of a free-running 16-bit timer. Equation 17-1 shows the
formula for computation of the baud rate with
BRGH = 0.
EQUATION 17-1:
UART BAUD RATE WITH
BRGH = 0
Example 17-1 shows the calculation of the baud rate
error for the following conditions:
•FCY = 4 MHz
• Desired Baud Rate = 9600
The maximum baud rate (BRGH = 0) possible is
FCY/16 (for BRGx = 0), and the minimum baud rate
possible is FCY/(16 * 65536).
Equation 17-2 shows the formula for computation of
the baud rate with BRGH = 1.
EQUATION 17-2:
UART BAUD RATE WITH
BRGH = 1
The maximum baud rate (BRGH = 1) possible is FCY/4
(for BRGx = 0), and the minimum baud rate possible is
FCY/(4 * 65536).
Writing a new value to the BRGx register causes the
BRG timer to be reset (cleared). This ensures the BRG
does not wait for a timer overflow before generating the
new baud rate.
EXAMPLE 17-1:
BAUD RATE ERROR CALCULATION (BRGH = 0)
Note:
FCY denotes the instruction cycle clock
frequency (FOSC/2
).
Baud Rate =
FCY
16 • (BRGx + 1)
FCY
16 • Baud Rate
BRGx =
– 1
Note:
FCY denotes the instruction cycle clock
frequency (FOSC/2).
Baud Rate =
FCY
4 • (BRGx + 1)
FCY
4 • Baud Rate
BRGx =
– 1
Desired Baud Rate
=
FCY/(16 (BRGx + 1))
Solving for BRGx Value:
BRGx
=
((FCY/Desired Baud Rate)/16) – 1
BRGx
=
((4000000/9600)/16) – 1
BRGx
=
25
Calculated Baud Rate
=
4000000/(16 (25 + 1))
=
9615
Error
=
(Calculated Baud Rate – Desired Baud Rate)
Desired Baud Rate
=
(9615 – 9600)/9600
=0.16%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com