Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 171 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 171 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 167Page - Microchip Technology PIC24H Datasheet HTML 168Page - Microchip Technology PIC24H Datasheet HTML 169Page - Microchip Technology PIC24H Datasheet HTML 170Page - Microchip Technology PIC24H Datasheet HTML 171Page - Microchip Technology PIC24H Datasheet HTML 172Page - Microchip Technology PIC24H Datasheet HTML 173Page - Microchip Technology PIC24H Datasheet HTML 174Page - Microchip Technology PIC24H Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 171
PIC24H
17.0
UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules avail-
able in the PIC24H device family. The UART is a full-
duplex asynchronous system that can communicate
with peripheral devices, such as personal computers,
LIN, RS-232 and RS-485 interfaces. The module also
supports a hardware flow control option with the
UxCTS and UxRTS pins and also includes an IrDA®
encoder and decoder.
The primary features of the UART module are:
• Full-Duplex, 8 or 9-bit Data Transmission through
the UxTX and UxRX pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or Two Stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS pins
• Fully Integrated Baud Rate Generator with 16-bit
Prescaler
• Baud Rates Ranging from 1 Mbps to 15 bps at
16 MIPS
• 4-deep First-In-First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, Framing and Buffer Overrun Error Detection
• Support for 9-bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive Interrupts
• A Separate Interrupt for all UART Error Conditions
• Loopback mode for Diagnostic Support
• Support for Sync and Break Characters
• Supports Automatic Baud Rate Detection
• IrDA Encoder and Decoder Logic
• 16x Baud Clock Output for IrDA Support
A simplified block diagram of the UART is shown in
Figure 17-1. The UART module consists of the key
important hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 17-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24H devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC30F
Family Reference Manual” (DS70046).
Note 1: Both UART1 and UART2 can trigger a DMA data transfer. If U1TX, U1RX, U2TX or U2RX is selected as
a DMA IRQ source, a DMA transfer occurs when the U1TXIF, U1RXIF, U2TXIF or U2RXIF bit gets set as
a result of a UART1 or UART2 transmission or reception.
2: If DMA transfers are required, the UART TX/RX FIFO buffer must be set to a size of 1 byte/word
(i.e., UTXISEL<1:0> = 00 and URXISEL<1:0> = 00).
UxRX
Hardware Flow Control
UART Receiver
UART Transmitter
UxTX
UxCTS
BCLK
Baud Rate Generator
UxRTS
IrDA®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com