Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 164 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 164 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 160Page - Microchip Technology PIC24H Datasheet HTML 161Page - Microchip Technology PIC24H Datasheet HTML 162Page - Microchip Technology PIC24H Datasheet HTML 163Page - Microchip Technology PIC24H Datasheet HTML 164Page - Microchip Technology PIC24H Datasheet HTML 165Page - Microchip Technology PIC24H Datasheet HTML 166Page - Microchip Technology PIC24H Datasheet HTML 167Page - Microchip Technology PIC24H Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 290 page
background image
PIC24H
DS70175D-page 164
Preliminary
© 2006 Microchip Technology Inc.
16.11 Slope Control
The I2C standard requires slope control on the SDAx
and SCLx signals for Fast mode (400 kHz). The control
bit, DISSLW, enables the user to disable slew rate con-
trol if desired. It is necessary to disable the slew rate
control for 1 MHz mode.
16.12 Clock Arbitration
Clock arbitration occurs when the master deasserts the
SCLx pin (SCLx allowed to float high) during any
receive, transmit or Restart/Stop condition. When the
SCLx pin is allowed to float high, the Baud Rate Gen-
erator (BRG) is suspended from counting until the
SCLx pin is actually sampled high. When the SCLx pin
is sampled high, the Baud Rate Generator is reloaded
with the contents of I2CxBRG and begins counting.
This ensures that the SCLx high time will always be at
least one BRG rollover count in the event that the clock
is held low by an external device.
16.13 Multi-Master Communication, Bus
Collision and Bus Arbitration
Multi-Master mode support is achieved by bus
arbitration. When the master outputs address/data bits
onto the SDAx pin, arbitration takes place when the
master outputs a ‘1’ on SDAx by letting SDAx float high
while another master asserts a ‘0’. When the SCLx pin
floats high, data should be stable. If the expected data
on SDAx is a ‘1’ and the data sampled on the
SDAx pin = 0, then a bus collision has taken place. The
master will set the I2C master events interrupt flag and
reset the master portion of the I2C port to its Idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com