Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 161 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 161 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 157Page - Microchip Technology PIC24H Datasheet HTML 158Page - Microchip Technology PIC24H Datasheet HTML 159Page - Microchip Technology PIC24H Datasheet HTML 160Page - Microchip Technology PIC24H Datasheet HTML 161Page - Microchip Technology PIC24H Datasheet HTML 162Page - Microchip Technology PIC24H Datasheet HTML 163Page - Microchip Technology PIC24H Datasheet HTML 164Page - Microchip Technology PIC24H Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 161
PIC24H
16.0
INTER-INTEGRATED CIRCUIT
(I2C)
The Inter-Integrated Circuit (I2C) module provides
complete hardware support for both Slave and Multi-
Master modes of the I2C serial communication
standard, with a 16-bit interface.
The PIC24H devices have up to two I2C interface mod-
ules, denoted as I2C1 and I2C2. Each I2C module has
a 2-pin interface: the SCLx pin is clock and the SDAx
pin is data.
Each I2C module ‘x’ (x = 1 or 2) offers the following key
features:
•I2C interface supporting both master and slave
operation.
•I2C Slave mode supports 7 and 10-bit address.
•I2C Master mode supports 7 and 10-bit address.
•I2C port allows bidirectional transfers between
master and slaves.
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control).
•I2C supports multi-master operation; detects bus
collision and will arbitrate accordingly.
16.1
Operating Modes
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7 and 10-bit addressing.
The I2C module can operate either as a slave or a
master on an I2C bus.
The following types of I2C operation are supported:
•I2C slave operation with 7-bit address
•I2C slave operation with 10-bit address
•I2C master operation with 7 or 10-bit address
For details about the communication sequence in each
of these modes, please refer to the “dsPIC30F Family
Reference Manual” (DS70046).
16.2
I2C Registers
I2CxCON and I2CxSTAT are control and status
registers, respectively. The I2CxCON register is
readable and writable. The lower six bits of I2CxSTAT
are read-only. The remaining bits of the I2CSTAT are
read/write.
I2CxRSR is the shift register used for shifting data,
whereas I2CxRCV is the buffer register to which data
bytes are written, or from which data bytes are read.
I2CxRCV is the receive buffer. I2CxTRN is the transmit
register to which bytes are written during a transmit
operation.
The I2CxADD register holds the slave address. A
status bit, ADD10, indicates 10-bit Address mode. The
I2CxBRG acts as the Baud Rate Generator (BRG)
reload value.
In receive operations, I2CxRSR and I2CxRCV together
form a double-buffered receiver. When I2CxRSR
receives a complete byte, it is transferred to I2CxRCV
and an interrupt pulse is generated.
16.3
I2C Interrupts
The I2C module generates two interrupt flags, MI2CxIF
(I2C Master Events Interrupt Flag) and SI2CxIF (I2C
Slave Events Interrupt Flag). A separate interrupt is
generated for all I2C error conditions.
16.4
Baud Rate Generator
In I2C Master mode, the reload value for the BRG is
located in the I2CxBRG register. When the BRG is
loaded with this value, the BRG counts down to ‘0’ and
stops until another reload has taken place. If clock arbi-
tration is taking place, for instance, the BRG is reloaded
when the SCLx pin is sampled high.
As per the I2C standard, FSCL may be 100 kHz or
400 kHz. However, the user can specify any baud rate
up to 1 MHz. I2CxBRG values of ‘0’ or ‘1’ are illegal.
EQUATION 16-1:
SERIAL CLOCK RATE
Note:
This data sheet summarizes the features
of this group of PIC24H devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC30F
Family Reference Manual” (DS70046).
I2CxBRG =
FCY
FCY
FSCL
1,111,111
– 1
–
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com