Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 13Page - STMicroelectronics STM32F469 Datasheet HTML 14Page - STMicroelectronics STM32F469 Datasheet HTML 15Page - STMicroelectronics STM32F469 Datasheet HTML 16Page - STMicroelectronics STM32F469 Datasheet HTML 17Page - STMicroelectronics STM32F469 Datasheet HTML 18Page - STMicroelectronics STM32F469 Datasheet HTML 19Page - STMicroelectronics STM32F469 Datasheet HTML 20Page - STMicroelectronics STM32F469 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
DocID029237 Rev 2
17/91
AN4861
Overview of LTDC controller and STM32 MCUs graphical portfolio
89
Figure 9. LTDC AHB master in STM32F429/439 and STM32F469/479 lines
smart architecture
1. SRAM1 size = 112 Kbyte for STM32F429/439 and 160 Kbyte for STM32F469/479
2. SRAM2 size = 16 Kbyte for STM32F429/439 and 32 Kbyte for STM32F469/479
3. SRAM3 size = 64 Kbyte for STM32F429/439 and 128 Kbyte for STM32F469/479
4. Dual Quad-SPI interface is only available for STM32F469/479
System architecture on STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9
The system architecture of the STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9
lines consists mainly of 32-bit multilayer AHB bus matrix that interconnects twelve masters
and eight slaves. The LTDC is one of the twelve AHB masters on the AHB busmatrix.
The LTDC can autonomously access all the memory slaves on the AHB bus matrix, such as
FLASH, SRAM1, SRAM2, FMC or Quad-SPI enabling an efficient data transfer which is
ideal for graphical applications. Figure 10 shows the LTDC interconnection in the
STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9 systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91