Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 83Page - STMicroelectronics STM32F469 Datasheet HTML 84Page - STMicroelectronics STM32F469 Datasheet HTML 85Page - STMicroelectronics STM32F469 Datasheet HTML 86Page - STMicroelectronics STM32F469 Datasheet HTML 87Page - STMicroelectronics STM32F469 Datasheet HTML 88Page - STMicroelectronics STM32F469 Datasheet HTML 89Page - STMicroelectronics STM32F469 Datasheet HTML 90Page - STMicroelectronics STM32F469 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
DocID029237 Rev 2
89/91
AN4861
Conclusion
89
9
Conclusion
The STM32 MCUs provide a very flexible display controller allowing to interface with a wide
range of displays at a lower cost and offering high performances.
Thanks to its integration in a smart architecture, the LTDC autonomously fetches the
graphical data from the framebuffer and drives it to the display without any CPU
intervention.
The LTDC is able to continue fetching the graphical data and driving the display while the
CPU is in SLEEP mode, which is ideal for low power and mobile applications such as
smartwatches.
This application note described the STM32 graphical capabilities and presented some
considerations and recommendations to take fully advantage of the system's smart
architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91