Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 59Page - STMicroelectronics STM32F469 Datasheet HTML 60Page - STMicroelectronics STM32F469 Datasheet HTML 61Page - STMicroelectronics STM32F469 Datasheet HTML 62Page - STMicroelectronics STM32F469 Datasheet HTML 63Page - STMicroelectronics STM32F469 Datasheet HTML 64Page - STMicroelectronics STM32F469 Datasheet HTML 65Page - STMicroelectronics STM32F469 Datasheet HTML 66Page - STMicroelectronics STM32F469 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
DocID029237 Rev 2
63/91
AN4861
LTDC application examples
89
Figure 32. High-end graphic implementation example
Table 16 summarizes an example of graphic implementations in different STM32 hardware
configurations.
Table 16. Example of graphic implantations with STM32 in different hardware
configurations
Variant
Display size
Color
depth
External
memory -
SDRAM
Display
interface
STM32 package(1)
1. Package availability of STM32 MCUs embedding LTDC is summarized in Table 13.
Hig-end
1280 x 720
16 bpp
32-bit
RGB888
UFBGA176
TFBGA216/UFBGA169/
LQFP176/LQFP208
WLCSP180/WLCSP168
1024 x 768
1600 x 272
24 bpp
800 x 600
Mid-end
800 x 600
16 bpp
16-bit
RGB666
LQFP144/WLCSP143
800 x 480
24 bpp
640 x 480
400 x 400(2)
Low-end
400 x 400(2)
16 bpp
No
RGB666
LQFP100/TFBGA100
480 x 272
320 x 320(2)
320 x 240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91