Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469 Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 78Page - STMicroelectronics STM32F469 Datasheet HTML 79Page - STMicroelectronics STM32F469 Datasheet HTML 80Page - STMicroelectronics STM32F469 Datasheet HTML 81Page - STMicroelectronics STM32F469 Datasheet HTML 82Page - STMicroelectronics STM32F469 Datasheet HTML 83Page - STMicroelectronics STM32F469 Datasheet HTML 84Page - STMicroelectronics STM32F469 Datasheet HTML 85Page - STMicroelectronics STM32F469 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
LTDC application examples
AN4861
82/91
DocID029237 Rev 2
Figure 52. FMC SDRAM MPU configuration example
MPU configuration example: Quad-SPI in memory-mapped
This example shows how to configure the MPU for the Quad-SPI interface. The QSPI
memory contains graphic primitives, it can be accessed by the Cortex®-M7, the DMA2D or
the LTDC. For that, the Quad-SPI interface should be set to memory-mapped mode and the
MPU regions must be configured as described below:
•
Region3: defines the whole Quad-SPI addressable space, it must be set to strongly
ordered to forbid any CPU speculative read access to that region.
•
Region4: defines the real QSPI memory space reflecting the size of the memory which
can be accessed by any master.
Figure 53 illustrates the MPU configuration of the Quad-SPI region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91