Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 83Page - STMicroelectronics STM32F469 Datasheet HTML 84Page - STMicroelectronics STM32F469 Datasheet HTML 85Page - STMicroelectronics STM32F469 Datasheet HTML 86Page - STMicroelectronics STM32F469 Datasheet HTML 87Page - STMicroelectronics STM32F469 Datasheet HTML 88Page - STMicroelectronics STM32F469 Datasheet HTML 89Page - STMicroelectronics STM32F469 Datasheet HTML 90Page - STMicroelectronics STM32F469 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
DocID029237 Rev 2
87/91
AN4861
Supported display panels
89
7
Supported display panels
The display controller embeds a very flexible interface that provides below features which
allow the STM32 MCUs to support multiple parallel display panels (such as TFT-LCD and
OLED displays) available in the market:
•
Different signal polarities.
•
Programmable timings and resolutions.
The display panel's pixel clock (as indicated in manufacturer datasheet) must not be higher
than the STM32's maximal pixel clock. So the user should refer to the display datasheet to
ensure that the panel’s running clock is lower than the maximum pixel clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91