Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2129 Fiches technique(PDF) 84 Page - NXP Semiconductors

No de pièce PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Fiches technique(HTML) 84 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 78Page - NXP Semiconductors PCF2129 Datasheet HTML 79Page - NXP Semiconductors PCF2129 Datasheet HTML 80Page - NXP Semiconductors PCF2129 Datasheet HTML 81Page - NXP Semiconductors PCF2129 Datasheet HTML 82Page - NXP Semiconductors PCF2129 Datasheet HTML 83Page - NXP Semiconductors PCF2129 Datasheet HTML 84Page - NXP Semiconductors PCF2129 Datasheet HTML 85Page - NXP Semiconductors PCF2129 Datasheet HTML 86Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
84 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
26. Figures
Fig 1.
Block diagram of PCF2129 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for PCF2129AT (SO20) . . . . . . .4
Fig 3.
Pin configuration for PCF2129T (SO16) . . . . . . . .4
Fig 4.
Position of the stubs from the package assembly
process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 5.
Handling address registers . . . . . . . . . . . . . . . . . .6
Fig 6.
Battery switch-over behavior in standard mode
with bit BIE set logic 1 (enabled) . . . . . . . . . . . . .18
Fig 7.
Battery switch-over behavior in direct switching
mode with bit BIE set logic 1 (enabled) . . . . . . . .19
Fig 8.
Battery switch-over circuit, simplified block
diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Fig 9.
Battery low detection behavior with bit BLIE set
logic 1 (enabled) . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 10. Typical driving capability of VBBS: (VBBS - VDD)
with respect to the output load current IBBS . . . . .22
Fig 11. Power failure event due to battery discharge:
reset occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 12. Dependency between POR and oscillator . . . . . .24
Fig 13. Power-On Reset (POR) system. . . . . . . . . . . . . .24
Fig 14. Power-On Reset Override (PORO) sequence,
valid for both I2C-bus and SPI-bus . . . . . . . . . . .25
Fig 15. Data flow of the time function. . . . . . . . . . . . . . . .30
Fig 16. Access time for read/write operations . . . . . . . . .31
Fig 17. Alarm function block diagram. . . . . . . . . . . . . . . .32
Fig 18. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .35
Fig 19. WD_CD set logic 1: watchdog activates an
interrupt when timed out . . . . . . . . . . . . . . . . . . .38
Fig 20. Timestamp detection with two push-buttons
on the TS pin (for example, for tamper detection)39
Fig 21. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .45
Fig 22. INT example for SI and MI when TI_TP
is logic 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 23. INT example for SI and MI when TI_TP
is logic 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 24. Example of shortening the INT pulse by
clearing the MSF flag . . . . . . . . . . . . . . . . . . . . . .47
Fig 25. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .48
Fig 26. STOP bit functional diagram . . . . . . . . . . . . . . . .49
Fig 27. STOP bit release timing . . . . . . . . . . . . . . . . . . . .50
Fig 28. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .51
Fig 29. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .51
Fig 30. Data transfer overview . . . . . . . . . . . . . . . . . . . . .52
Fig 31. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .53
Fig 32. SPI-bus read example . . . . . . . . . . . . . . . . . . . . .53
Fig 33. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
Fig 34. Definition of START and STOP conditions. . . . . .54
Fig 35. System configuration . . . . . . . . . . . . . . . . . . . . . .55
Fig 36. Acknowledgement on the I2C-bus . . . . . . . . . . . .55
Fig 37. Bus protocol, writing to registers . . . . . . . . . . . . .56
Fig 38. Bus protocol, reading from registers . . . . . . . . . .56
Fig 39. Device diode protection diagram of PCF2129 . . .57
Fig 40. IOL on pin SDA/CE . . . . . . . . . . . . . . . . . . . . . . . .61
Fig 41. IDD as a function of temperature . . . . . . . . . . . . .61
Fig 42. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .62
Fig 43. Typical IDD as a function of the power
management settings . . . . . . . . . . . . . . . . . . . . . 63
Fig 44. Typical characteristic of frequency with respect to
temperature of PCF2129AT . . . . . . . . . . . . . . . . 65
Fig 45. Typical characteristic of frequency with respect to
temperature of PCF2129T . . . . . . . . . . . . . . . . . 65
Fig 46. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Fig 47. I2C-bus timing diagram; rise and fall times refer to
30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Fig 48. General application diagram . . . . . . . . . . . . . . . . 70
Fig 49. Package outline SOT163-1 (SO20) of
PCF2129AT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Fig 50. Package outline SOT162-1 (SO16) of
PCF2129T. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Fig 51. Footprint information for reflow soldering
of SOT163-1 (SO20) of PCF2129AT. . . . . . . . . . 73
Fig 52. Footprint information for reflow soldering
of SOT162-1 (SO16) of PCF2129T. . . . . . . . . . . 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86