Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2129 Fiches technique(PDF) 51 Page - NXP Semiconductors

No de pièce PCF2129
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129 Fiches technique(HTML) 51 Page - NXP Semiconductors

Back Button PCF2129 Datasheet HTML 47Page - NXP Semiconductors PCF2129 Datasheet HTML 48Page - NXP Semiconductors PCF2129 Datasheet HTML 49Page - NXP Semiconductors PCF2129 Datasheet HTML 50Page - NXP Semiconductors PCF2129 Datasheet HTML 51Page - NXP Semiconductors PCF2129 Datasheet HTML 52Page - NXP Semiconductors PCF2129 Datasheet HTML 53Page - NXP Semiconductors PCF2129 Datasheet HTML 54Page - NXP Semiconductors PCF2129 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
51 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
9.
Interfaces
The PCF2129 has an I2C-bus or SPI-bus interface using the same pins. The selection is
done using the interface selection pin IFS (see Table 74).
9.1 SPI-bus interface
Data transfer to and from the device is made by a 3 line SPI-bus (see Table 75). The data
lines for input and output are split. The data input and output line can be connected
together to facilitate a bidirectional data bus (see Figure 29). The SPI-bus is initialized
whenever the chip enable line pin SDA/CE is inactive.
Table 74.
Interface selection input pin IFS
Pin
Connection
Bus interface
Reference
IFS
VSS
SPI-bus
Section 9.1
BBS
I2C-bus
Section 9.2
To select the SPI-bus interface, pin IFS has to be
connected to pin VSS.
To select the I2C-bus interface, pin IFS has to be
connected to pin BBS.
a. SPI-bus interface selection
b. I2C-bus interface selection
Fig 28. Interface selection
Fig 29. SDI, SDO configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86