| Moteur de recherche de fiches techniques de composants électroniques |
|
SSD1963QL9R Fiches technique(PDF) 67 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R Fiches technique(HTML) 67 Page - List of Unclassifed Manufacturers |
|
67 / 93 page ![]() SSD1963 Rev 1.1 P 67/93 Jan 2010 Solomon Systech 9.58 get_gpio1_rop Command 0xCB Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 1 0 0 1 0 1 1 CB Parameter 1 1 0 A6 A5 0 A3 A2 A1 A0 xx Parameter 2 1 B7 B6 B5 B4 B3 B2 B1 B0 xx Description Get the GPIO1 properties with respect to the LCD signal generators. A[6:5] : Source 1 for GPIO1 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 A[3:2] : Source 2 for GPIO1 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 A[1:0] : Source 3 for GPIO1 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 B[7:0] : ROP operation to mux the source 1, 2 and 3 for GPIO1 (POR = 00000000) Please refer to the Application note for the ROP operation 9.59 set_gpio2_rop Command 0xCC Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 1 0 0 1 1 0 0 CC Parameter 1 1 0 A6 A5 0 A3 A2 A1 A0 xx Parameter 2 1 B7 B6 B5 B4 B3 B2 B1 B0 xx Description Set the GPIO2 with respect to the LCD signal generators using ROP operation. No effect if the GPIO2 is configured as general GPIO. A[6:5] : Source 1 for GPIO2 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 |