Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1963QL9R Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers

No de pièce SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 53Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 54Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 55Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 56Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
SSD1963
Rev 1.1
P 53/93
Jan 2010
Solomon Systech
9.43 set_post_proc
Command
0xBC
Parameters
4
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
1
1
0
0
BC
Parameter 1
1
A7
A6
A5
A4
A3
A2
A1
A0
xx
Parameter 2
1
B7
B6
B5
B4
B3
B2
B1
B0
xx
Parameter 3
1
C7
C6
C5
C4
C3
C2
C1
C0
xx
Parameter 4
1
0
0
0
0
0
0
0
D0
xx
Description
Set the image post processor
A[7:0] : Set the contrast value (POR = 01000000)
B[7:0] : Set the brightness value (POR = 10000000)
C[7:0] : Set the saturation value (POR = 01000000)
D[0] : Post Processor Enable (POR = 0)
0
Disable the postprocessor
1
Enable the postprocessor
9.44 get_post_proc
Command
0xBD
Parameters
4
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
1
1
0
1
BD
Parameter 1
1
A7
A6
A5
A4
A3
A2
A1
A0
xx
Parameter 2
1
B7
B6
B5
B4
B3
B2
B1
B0
xx
Parameter 3
1
C7
C6
C5
C4
C3
C2
C1
C0
xx
Parameter 4
1
0
0
0
0
0
0
0
D0
xx
Description
Get the image post processor
A[7:0] : Get the contrast value (POR = 01000000)
B[7:0] : Get the brightness value (POR = 10000000)
C[7:0] : Get the saturation value (POR = 01000000)
D[0] : Post Processor Enable (POR = 0)
0
Disable the postprocessor
1
Enable the postprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93