Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1963QL9R Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
SSD1963
Rev 1.1
P 29/93
Jan 2010
Solomon Systech
Figure 9-2: Enter Invert mode example
Frame Buffer
Display Panel
9.13 set_gamma_curve
Command
0x26
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
0
1
1
0
26
Parameter 1
1
0
0
0
0
A3
A2
A1
A0
xx
Description
Selects the gamma curve used by the display panel.
A[3:0]
Gamma curve selection (POR = 1000)
GAMAS[1]
GAMAS[0]
0000
No gamma curve selected (Same as 0001b)
0
0
0001
Gamma curve 0
0
0
0010
Gamma curve 1
0
1
0100
Gamma curve 2
1
0
1000
Gamma curve 3
1
1
Others
Reserved
9.14 set_display_off
Command
0x28
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
0
0
0
28
Description
Blanks the display panel. The frame buffer contents remain unchanged.
9.15 set_display_on
Command
0x29
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
0
0
1
29
Description
Show the image on the display panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93