| Moteur de recherche de fiches techniques de composants électroniques |
|
SSD1963QL9R Fiches technique(PDF) 38 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R Fiches technique(HTML) 38 Page - List of Unclassifed Manufacturers |
|
38 / 93 page ![]() Solomon Systech Jan 2010 P 38/93 Rev 1.1 SSD1963 A[4] : Line address order (POR = 0) This bit controls the display panel’s horizontal line refresh order. The image shown on the display panel is unaffected, regardless of the bit setting. 0 LCD refresh from top line to bottom line. 1 LCD refresh from bottom line to top line. A[3] : RGB / BGR order (POR = 0) This bit controls the RGB data order transferred from the SSD1963’s frame buffer to the display panel. 0 RGB 1 BGR Figure 9-14: A[3] RGB Order A[3] = 0 A[3] = 1 Frame Buffer Display Panel Frame Buffer Display Panel R G B R G B R G B B G R A[2] : Display data latch data (POR = 0) This bit controls the display panel’s vertical line data latch order. The image shown on the display panel is unaffected, regardless of the bit setting. 0 LCD refresh from left side to right side 1 LCD refresh from right side to left side A[1] : Flip Horizontal (POR = 0) This bit flips the image shown on the display panel left to right. No change is made to the frame buffer. 0 Normal 1 Flipped Figure 9-15: A[1] Flip Horizontal A[1]=0, A[4]=A[2]=A[0]=0 A[1]=1, A[4]=A[2]=A[0]=0 Frame Buffer Display Panel Frame Buffer Display Panel 1 1 1 1 n n n n 1 m 1 m 1 m m 1 |