| Moteur de recherche de fiches techniques de composants électroniques |
|
SSD1963QL9R Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers |
|
40 / 93 page ![]() Solomon Systech Jan 2010 P 40/93 Rev 1.1 SSD1963 If set_address_mode (0x36) A[4] = 1: Example: When Top Fixed Area = Bottom Fixed Area = 0, Vertical Scrolling Area = YY and VSP = 3. Figure 9-18: Set Scroll Start with set_address_mode (0x36) A[4] = 1 Frame Buffer Display Panel (0,YY-1) (0,0) (0,YY-1) VSP[15:0] (0,0) VSP[15:0] Note : If set_address_mode, (0x36) A[4] = 0, TFA[15:0] - 1< VSP[15:0] < # of lines in frame buffer - BFA[15:0] If set_address_mode, (0x36) A[4] = 1, BFA[15:0] - 1 < VSP[15:0] < # of lines in frame buffer - TFA[15:0] 9.26 exit_idle_mode Command 0x38 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 1 0 0 0 38 Description This command causes the SSD1963 to exit Idle Mode. Full color depth is used for the display panel. 9.27 enter_idle_mode Command 0x39 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 1 0 0 1 39 Description This command causes the SSD1963 to enter Idle Mode. In Idle Mode, color depth is reduced. Colors are shown on the display panel using the MSB of each of the R, G and B color components in the frame buffer. |