Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF20SPI Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 39Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 40Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 41Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 42Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 43Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 44Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 45Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 46Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 43 of 47
NON-PROPRIETARY DOCUMENT
7
MITIGATIONS OF OTHER ATTACKS
The security module meets Physical Security protection requirements for FIPS level 2.
7.1
Internal Tamper Detection
The security module contains an active metal shield that covers the internal TPM circuitry and
memory components. Cutting, removing or modifying the shield layer will cause the TPM to
Reset and enter a SHUTDOWN mode.
7.2
Environmental protection
The security module contains circuitry which will detect environmental conditions outside the
range described in the product datasheet. Power supply voltage is continuously monitored. If
conditions exist outside the range determined by the TPM tamper detection circuitry, the chip
will reset and will enter a FAILURE mode. The chip will remain Reset and in FAIL mode as
long as the environmental condition causing the tamper event persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47