Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF20SPI Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 36Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 37Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 38Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 39Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 40Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 41Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 42Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 43Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 40 of 47
NON-PROPRIETARY DOCUMENT
TDES key
generation
TDES key generation process consists in generating a pseudo-random value from
KDFa and checking that this value passes the following conditional tests to be
considered and next used as a functional TDES key. Conditional tests are:
1.
Check that the 3 TDES cryptographic keys are different: Key1 != Key2, Key2
!= Key3, Key1 != Key3 (Keying option 1 from §3.2 of [SP800-67])
2.
Key is not one of the weak key listed in §3.4.2 of [SP800-67]
In case of failure, new pseudo-random values are generated until a valid TDES key
is found.
4.4
Verification
Successful completion of self-tests can be verified through use of TPM2_GetTestResult
command. The first 4 bytes of response indicate self-tests status. If they are equal to 0, self-
tests completed successfully. If not, the subsequent 4 bytes indicate the list of algorithms not
fully self-tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47