| Moteur de recherche de fiches techniques de composants électroniques |
|
ST33TPHF20SPI Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 37 of 47 NON-PROPRIETARY DOCUMENT TPM2_NV_Read data D Output AES CFB (**) TPM2_NV_Write data D Input AES CFB (*) TPM2_ObjectChangeAuth newAuth S Input AES CFB (*) outPrivate S Output AES CFB TPM2_PCR_Event eventData D Input AES CFB (*) TPM2_Rewrap inDuplicate S Input AES CFB inSymSeed S Input RSA OAEP or ECDH outDuplicate S Output AES CFB outSymSeed S Output RSA OAEP or ECDH TPM2_RSA_Decrypt message D Output AES CFB (**) TPM2_RSA_Encrypt message D Input AES CFB (*) TPM2_SequenceComplete buffer D Input AES CFB (*) TPM2_SequenceUpdate buffer D Input AES CFB (*) TPM2_SetPrimaryPolicy authPolicy S Input AES CFB (*) TPM2_StirRandom inData D Input AES CFB (*) TPM2_Unseal outData D Output AES CFB (**) TPM2_EncryptDecrypt outData D Output AES CFB (**) (*): Parameter decryption is ensured by use of a decryption session (attribute DECRYPT set) (**): Parameter encryption is ensured by use of an encryption session (attribute ENCRYPT set). This is mandatory if output data is a CSP. 3.3.2 Key transport Relative security strength has been calculated for each cryptographic algorithm supported by the module and used for key transport. TPM FW prevents use of key in a transport scheme with lower strength than the transported key. Table 20: Cryptographic Functions Algorithm Comparable number of bits of security RSA OAEP (2048 bits) 112 ECDH (P-224 curve) 112 ECDH (P-256 curve) 128 AES CFB (128 bits)1 128 AES CFB (256 bits)2 256 1 AES is used in conjunction with HMAC approved authentication method ([SP800-38F] compliant) 2 AES is used in conjunction with HMAC approved authentication method ([SP800-38F] compliant) |