Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF20SPI Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce ST33TPHF20SPI
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20SPI Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button ST33TPHF20SPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 26Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 27Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 28Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 29Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 30Page - STMicroelectronics ST33TPHF20SPI Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 27 of 47
NON-PROPRIETARY DOCUMENT
Primary keys
42
Endorsement key -
RSA primes
2 primes of 1024 bits used to construct EK if parameters in
TPM2_CreatePrimary command match the default EK RSA template.
Generated by FIPS140-2 compliant HSM.
TPM2_Change
EPS
43
Endorsement key -
ECC private key
ECC 256 bits private key used to construct EK if parameters in
TPM2_CreatePrimary command match the default EK ECC template.
Generated by FIPS140-2 compliant HSM.
TPM2_Change
EPS
Field upgrade keys
44
Field upgrade
verification key
2048 bits permanent RSA key unique per TPM product line. Only public part of
the key is stored in the TPM (modulus, exponent).
No (public key)
Transient DRBG
47
Transient DRBG
state
Internal state (V and C secret values) of a HDRBG instance (based on SHA256)
stored in RAM. HDRBG is instantiated from primary seeds and used only in
TPM2_CreatePrimary to generate prime numbers for primary RSA keys.
Transient DRBG
state cleared at
the end of
random
numbers
generation
DRBG input seed
48
DRBG input seed
48-bytes value output from a NDRNG.
Transient value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47