| Moteur de recherche de fiches techniques de composants électroniques |
|
ST33TPHF20SPI Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 4 of 47 NON-PROPRIETARY DOCUMENT Table 1: Security module configurations Module configuration Product name / HW version ST33TPHF2ESPI/ ST33HTPH revision A Package TSSOP28 VQFN32 TSSOP28 VQFN32 Part number ST33HTPH2E28 AHB3 ST33HTPH2E32 AHB3 ST33HTPH2E28 AHB4 ST33HTPH2E32 AHB4 Default mode TPM1.2 TPM2.0 Marking P68HAHB3 P68HAHB4 FW version 49.04 P68HAHB3 corresponds to the module configured by default in TPM1.2 execution mode. This module is listed as it can be configured in TPM2.0 execution mode as described in §1.7. P68HAHB4 corresponds to the module configured by default in TPM2.0 execution mode. Figure 1: Picture of the Cryptographic Module (TSSOP28) – Marking P68HAHB3 & P68HAHB4 Figure 2: Picture of the Cryptographic Module (VQFN32) – Marking P68HAHB3 & P68HAHB4 1.2.2 AHB7 / AHB8 These configurations of the security module implement both version 1.2 and version 2.0 of the Trusted Computing Group (TCG) specification for Trusted Platform Modules (TPM). Versions are exclusive and security module manufactured will operate in a default mode (TPM1.2 or TPM2.0) depending on the configuration. The current FIPS 140-2 level2 security policy applies to these security module configurations when the module is irreversibly locked in TPM2.0 mode (cf. §1.7.3 for mode lock recommendations). As a consequence the TPM FW version 1.2 is excluded from the security requirements of FIPS 140-2. Table 2: Security module configurations Module configuration Product name / HW version ST33TPHF2EI2C/ ST33HTPH revision A Package TSSOP28 VQFN32 TSSOP28 VQFN32 Part number ST33HTPH2E28 AHB7 ST33HTPH2E32 AHB7 ST33HTPH2E28 AHB8 ST33HTPH2E32 AHB8 Default mode TPM1.2 TPM2.0 |