Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED-20KC/W Fiches technique(PDF) 86 Page - Advanced Micro Devices

No de pièce AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Fiches technique(HTML) 86 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 80Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 81Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 82Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 83Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 84Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 85Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 86Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 87Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 88Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
86
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Bus Hold Waveforms—Entering
Bus Hold Waveforms—Leaving
CLKOUTA
ti
ti
ti
AD15–AD0, DEN
HLDA
A19–A0, S6, RD,
WR, BHE,
DT/R, S2–S0
WHB, WLB
HOLD
t4
ti
ti
Case 2
58
62
15
63
Case 1
CLKOUTA
ti
ti
t1
AD15–AD0, DEN
HLDA
A19–A0, S6, RD,
WR, BHE,
DT/R, S2–S0
WHB, WLB
HOLD
ti
t4
t1
Case 2
ti
ti
58
62
64
5
Case 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88