Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED-20KC/W Fiches technique(PDF) 18 Page - Advanced Micro Devices

No de pièce AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Fiches technique(HTML) 18 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 14Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 15Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 16Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 17Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 18Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 19Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 20Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 21Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
18
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
PQFP PIN DESIGNATIONS—Am186ED/EDLV Microcontrollers
Sorted by Pin Number
Pin No.
Name
Pin No.
Name
Pin No.
Name
Pin No.
Name
1
RXD0/PIO23
26
A13
51
MCS1/UCAS/PIO15
76
DRQ1/INT6/PIO13
2
TXD0/PIO22
27
A12
52
INT4/PIO30
77
DRQ0/INT5/PIO12
3
RTS0/RTR0/
PIO20
28
A11
53
INT3/INTA1/IRQ
78
AD0
4BHE/ADEN
29
A10
54
INT2/INTA0/PWD/
PIO31
79
AD8
5WR
30
A9
55
INT1/SELECT
80
AD1
6RD
31
A8
56
INT0
81
AD9
7
ALE
32
A7
57
UCS/ONCE182
AD2
8
ARDY
33A6
58LCS/ONCE0/RAS083
AD10
9S2/BTSEL
34A5
59PCS6/A2/PIO2
84
AD3
10
S1
35A4
60PCS5/A1/PIO3
85
AD11
11
S0
36A3
61VCC
86
AD4
12
GND
37
A2
62
PCS3/RTS1/RTR1/
PIO19
87
AD12
13
X1
38
VCC
63
PCS2/CTS1/
ENRX1/PIO18
88
AD5
14
X2
39
A1
64
GND
89
GND
15
VCC
40
A0
65
PCS1/PIO17
90
AD13
16
CLKOUTA
41
GND
66
PCS0/PIO16
91
AD6
17
CLKOUTB
42
WHB
67
VCC
92
VCC
18
GND
43
WLB
68
MCS2/LCAS/PIO24
93
AD14
19
A19/PIO9
44
HLDA
69
MCS3/RAS1/PIO25
94
AD7
20
A18/PIO8
45
HOLD
70
GND
95
AD15
21
VCC
46
SRDY/PIO6
71
RES
96
S6/CLKDIV2/PIO29
22
A17/PIO7
47
NMI
72
TMRIN1/PIO0
97
UZI/PIO26
23
A16
48
DT/R/PIO4
73
TMROUT1/PIO1
98
TXD1/PIO27
24
A15
49
DEN/DS/PIO5
74
TMROUT0/PIO10
99
RXD1/PIO28
25
A14
50
MCS0/PIO14
75
TMRIN0/PIO11
100
CTS0/ENRX0/PIO21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88