Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED-20KC/W Fiches technique(PDF) 16 Page - Advanced Micro Devices

No de pièce AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Fiches technique(HTML) 16 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 12Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 13Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 14Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 15Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 16Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 17Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 18Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 19Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
16
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
TQFP PIN DESIGNATIONS—Am186ED/EDLV Microcontrollers
Sorted by Pin Name
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
63
AD5
11
GND
87
RXD1
22
A1
62
AD6
14
GND
93
S034
A2
60
AD7
17
HLDA
67
S133
A3
59
AD8
2
HOLD
68
S2/BTSEL
32
A4
58
AD9
4
INT0
79
S6/CLKDIV2/
PIO29
19
A5
57
AD10
6
INT1/SELECT
78
SRDY/PIO6
69
A6
56
AD11
8
INT2/INTA0/PWD/
PIO31
77
TMRIN0/PIO11
98
A7
55
AD12
10
INT3/INTA1/IRQ
76
TMRIN1/PIO0
95
A8
54
AD13
13
INT4/PIO30
75
TMROUT0/
PIO10
97
A9
53
AD14
16
LCS/ONCE0/RAS0
81
TMROUT1/PIO1
96
A10
52
AD15
18
MCS0/PIO14
73
TXD0/PIO22
25
A11
51
ALE
30
MCS1/UCAS/
PIO15
74
TXD1
21
A12
50
ARDY
31
MCS2/LCAS/PIO24
91
UCS/ONCE180
A13
49
BHE/ADEN
27
MCS3/RAS1/PIO25
92
UZI/PIO26
20
A14
48
CLKOUTA
39
NMI
70
VCC
15
A15
47
CLKOUTB
40
PCS0/PIO16
89
VCC
38
A16
46
CTS0/ENRX0/
PIO21
23
PCS1/PIO17
88
VCC
44
A17/PIO7
45
DEN/DS/PIO5
72
PCS2/CTS1/
ENRX1/PIO18
86
VCC
61
A18/PIO8
43
DRQ0/INT5/PIO12
100
PCS3/RTS1/RTR1/
PIO19
85
VCC
84
A19/PIO9
42
DRQ1/INT6/PIO13
99
PCS5/A1/PIO3
83
VCC
90
AD0
1
DT/R/PIO4
71
PCS6/A2/PIO2
82
WHB
65
AD1
3
GND
12
RD
29
WLB
66
AD2
5
GND
35
RES
94
WR
28
AD3
7
GND
41
RTS0/RTR0/PIO20
26
X1
36
AD4
9
GND
64
RXD0/PIO23
24
X2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88