Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED-20KC/W Fiches technique(PDF) 71 Page - Advanced Micro Devices

No de pièce AM186ED-20KC/W
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W Fiches technique(HTML) 71 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 67Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 68Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 69Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 70Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 71Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 72Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 73Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 74Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
Am186ED/EDLV Microcontrollers
71
PRELI M INARY
D
RA
F T
DRAM Read Cycle Timing with No-Wait States
DRAM Read Cycle Timing with Wait State(s)
t4
t1
t2
t3
t4
Row
Addr.
CLKOUTA
AD[15:0]
A[17:1]
RAS
CAS
RD(a)
t3
t1
Note:
aThe RD output connects to the DRAM output enable (OE) pin for read operations.
Column
Data
104
1
110
102
103
2
15
5
101
68
108
105
27
25
t4
t1
t2
t3
tw
t4
Row
Addr.
CLKOUTA
AD[15:0]
A[17:1]
RAS
CAS
RD(a)
t1
Column
Note:
aThe RD output connects to the DRAM output enable (OE) pin for read operations.
Data
1
2
107
109
105
27
25
104
102
110
101
68
15
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88