Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED Fiches technique(PDF) 73 Page - Advanced Micro Devices

No de pièce AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Fiches technique(HTML) 73 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 69Page - Advanced Micro Devices AM186ED Datasheet HTML 70Page - Advanced Micro Devices AM186ED Datasheet HTML 71Page - Advanced Micro Devices AM186ED Datasheet HTML 72Page - Advanced Micro Devices AM186ED Datasheet HTML 73Page - Advanced Micro Devices AM186ED Datasheet HTML 74Page - Advanced Micro Devices AM186ED Datasheet HTML 75Page - Advanced Micro Devices AM186ED Datasheet HTML 76Page - Advanced Micro Devices AM186ED Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
Am186ED/EDLV Microcontrollers
73
PRELI M INARY
D
RA
F T
DRAM CAS-before-RAS Cycle Timing
t4
t1
t2
tW
tW
tW
t3
t4
X
X
CLKOUTA
AD[15:0]
A[17:1]
RAS
CAS(a)
RD(b)
t1
Notes:
aCAS before RAS cycle timing is always 7 clocks, independent of wait state timing.
bThe RD output connects to the DRAM output enable (OE) pin for read operations.
FFFF
5
15
68
101
106
107
109
105
27
25
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88