Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED Fiches technique(PDF) 17 Page - Advanced Micro Devices

No de pièce AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Fiches technique(HTML) 17 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 13Page - Advanced Micro Devices AM186ED Datasheet HTML 14Page - Advanced Micro Devices AM186ED Datasheet HTML 15Page - Advanced Micro Devices AM186ED Datasheet HTML 16Page - Advanced Micro Devices AM186ED Datasheet HTML 17Page - Advanced Micro Devices AM186ED Datasheet HTML 18Page - Advanced Micro Devices AM186ED Datasheet HTML 19Page - Advanced Micro Devices AM186ED Datasheet HTML 20Page - Advanced Micro Devices AM186ED Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
Am186ED/EDLV Microcontrollers
17
PRELI M INARY
D
RA
F T
PQFP CONNECTION DIAGRAMS AND PINOUTS
Am186ED/EDLV Microcontrollers
Top Side View—100-Pin Plastic Quad Flat Pack (PQFP)
Note:
Pin 1 is marked for orientation.
AD0
AD8
AD1
RXD0
TXD0
GND
ALE
ARDY
X1
CLKOUTA
A19
A18
A17
A16
A15
A14
A12
A13
X2
V CC
CLKOUTB
V CC
GND
INT4
A9
A10
A11
TMRIN0
TMROUT0
TMROUT1
TMRIN1
INT0
GND
GND
VCC
VCC
Am186ED/EDLV Microcontrollers
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
BHE/ADEN
WR
RD
S2/BTSEL
S1
S0
MCS1/UCAS
INT3/INTA1/IRQ
INT2/INTA0/PWD
INT1/SELECT
UCS/ONCE1
LCS/ONCE0/RAS0
PCS6/A2
PCS5/A1
PCS3/RTS1/RTR1
PCS2/CTS1/ENRX1
PCS1
PCS0
MCS2/LCAS
MCS3/RAS1
RES
RTS0/RTR0
DRQ1/INT6
DRQ0/INT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88