Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ED Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 31Page - Advanced Micro Devices AM186ED Datasheet HTML 32Page - Advanced Micro Devices AM186ED Datasheet HTML 33Page - Advanced Micro Devices AM186ED Datasheet HTML 34Page - Advanced Micro Devices AM186ED Datasheet HTML 35Page - Advanced Micro Devices AM186ED Datasheet HTML 36Page - Advanced Micro Devices AM186ED Datasheet HTML 37Page - Advanced Micro Devices AM186ED Datasheet HTML 38Page - Advanced Micro Devices AM186ED Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Am186ED/EDLV Microcontrollers
35
PRELI M INARY
D
RA
F T
Figure 5.
16-Bit Mode—Read and Write with Address Bus Disable In Effect
Figure 6.
8-Bit Mode—Normal Read and Write Operation
CLKOUTA
t1
t2
t3
t4
AD15–AD0
(Write)
Data
LCS, or UCS
AD15–AD0
(Read)
Address
Phase
Data
Phase
A19–A0
MCSx, PCSx
Note: For a detailed description of DRAM control signals, see DRAM switching characteristics
beginning on page 70.
or
Address
Data
CLKOUTA
t1
t2
t3
t4
AD7–AD0
(Read)
AD15–AD8
(Read or Write)
AD7–AD0
(Write)
Data
Address
Phase
Data
Phase
A19–A0
LCS or UCS
MCSx, PCSx
or
Address
Address
Data
Address
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88