| Moteur de recherche de fiches techniques de composants électroniques |
|
AM186ED Fiches technique(PDF) 72 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED Fiches technique(HTML) 72 Page - Advanced Micro Devices |
|
72 / 88 page ![]() 72 Am186ED/EDLV Microcontrollers PRELI M INARY D RA F T DRAM Write Cycle Timing with No-Wait States DRAM Write Cycle Timing With Wait State(s) t4 t1 t2 t3 t4 t1 Data Row Addr. CLKOUTA AD[15:0] RAS CAS WR(a) A[17:1] Column Note: a Write operations use the WR output connected to the DRAM write enable (WE) pin. 5 7 30 103 108 105 31 104 20 102 110 68 101 t4 t1 t2 t3 tw t4 t1 Data Row Addr. CLKOUTA AD[15:0] A[17:1] CAS WR(a) RAS Column Note: a Write operations use the WR output connected to the DRAM write enable (WE) pin. 5 7 68 101 102 110 107 104 105 109 31 20 30 |