| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9929BBCZ Fiches technique(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9929BBCZ Fiches technique(HTML) 26 Page - Analog Devices |
|
26 / 64 page ![]() AD9929 Rev. A | Page 26 of 64 P[0] PIXEL PERIOD RG H1 RGf[12] P[48] = P[0] Hf[24] SHP[20] CCD SIGNAL P[24] P[12] P[36] Hr[0] RGr[0] SHD[40] POSITION NOTES 1. ALL SIGNAL EDGES ARE FULLY PROGRAMMABLE TO ANY OF THE 48 POSITIONS WITHIN ONE PIXEL PERIOD. 2. DEFAULT POSITIONS FOR EACH SIGNAL ARE SHOWN. CDS (INTERNAL) tS1 Figure 17. High Speed Clock Default and Programmable Locations FIXED CROSSOVER VOLTAGE H1 H2 tPD tRISE tPD < tRISE H2 H1 Figure 18. H-Clock Inverse Phase Relationship NOTES 1. DCLK1 PHASE IS ADJUSTED BY SETTING THE DCLKPHASE REGISTER (ADDRESS 0x02) 2. DOUT PHASE CAN BE ADJUSTED BY SETTING THE DOUTPHASE REGISTER (ADDRESS 0x02) P[0] P[48] = P[0] PIXEL PERIOD P[12] P[24] P[36] DOUT DCLK1 tOD Figure 19. Digital Output Phase Adjustment DIGITAL DATA OUTPUTS The AD9929 DOUT[11:0] and DCLK phases are independently programmable using the DOUTPHASE register (Address 0x02) and DCLKPHASE register (Address 0x02). Refer to Figure 19. |