Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9929BBCZ Fiches technique(PDF) 42 Page - Analog Devices

No de pièce AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Fiches technique(HTML) 42 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 38Page - Analog Devices AD9929BBCZ Datasheet HTML 39Page - Analog Devices AD9929BBCZ Datasheet HTML 40Page - Analog Devices AD9929BBCZ Datasheet HTML 41Page - Analog Devices AD9929BBCZ Datasheet HTML 42Page - Analog Devices AD9929BBCZ Datasheet HTML 43Page - Analog Devices AD9929BBCZ Datasheet HTML 44Page - Analog Devices AD9929BBCZ Datasheet HTML 45Page - Analog Devices AD9929BBCZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
AD9929
Rev. A | Page 42 of 64
VD
HD
NOTES
1. THE XVxSPAT_TOG1 AND XVxSPAT_TOG2 REGISTERS REFERENCE THE 13-BIT ST COUNTER.
2. THE INTERNAL SPAT TIMING IS APPLIED IN THE SAME LINE AS THE XVSGx PULSE.
PROGRAMMABLE CLOCK POSITIONS
1. XVXSPAT_TOG1 (PROGRAMMABLE AT CONTROL REGS)
2. XVXSPAT_TOG2 (PROGRAMMABLE AT CONTROL REGS)
3. XVXSPAT_TOG3 (PROGRAMMABLE AT MODE_REGS)
4. XVXSPAT_TOG4 (PROGRAMMABLE AT MODE_REGS)
XVSGx
13-BIT
ST COUNTER
(FIXED)
INTERNAL SPAT
TIMING FOR XV2 WITH
SPATLOGIC = 1
12
XV2 OUTPUT WITH
SPAT APPLIED
INTERNAL XV2 WITHOUT
SPAT APPLIED
34
500
540
600
640
VSG LINE
Figure 39. SPAT Example for XV2 with XV2SPAT_TOG1 = 500, XV2SPAT_TOG2 = 540, XV2SPAT_TOG3 = 600, XV2SPAT_TOG4 = 640, and SPATLOGIC = XX1X
VD
HD
NOTES
1. THE XVxSPAT_TOG1 AND XVxSPAT_TOG2 REGISTERS REFERENCE THE 13-BIT ST COUNTER.
2. THE INTERNAL SPAT TIMING IS APPLIED IN THE SAME LINE AS THE XVSGx PULSE.
XVSGx
13-BIT
ST COUNTER
(FIXED)
INTERNAL XV1 WITHOUT
SPAT APPLIED
INTERNAL SPAT
TIMING FOR XV1 WITH
SPATLOGIC = 0
12
XV1 OUTPUT WITH
SPAT APPLIED
VSG LINE
34
500
540
600
640
PROGRAMMABLE CLOCK POSITIONS
1. XVXSPAT_TOG1 (PROGRAMMABLE AT CONTROL REGS)
2. XVXSPAT_TOG2 (PROGRAMMABLE AT CONTROL REGS)
3. XVXSPAT_TOG3 (PROGRAMMABLE AT MODE_REGS)
4. XVXSPAT_TOG4 (PROGRAMMABLE AT MODE_REGS)
Figure 40. SPAT (OR) Example for XV1 with XV1SPAT_TOG1 = 500, XV1SPAT_TOG2 = 540, XV1SPAT_TOG3 = 600, XV1SPAT_TOG4 = 640, and SPATLOGIC = XXX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64