Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9929BBCZ Fiches technique(PDF) 58 Page - Analog Devices

No de pièce AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Fiches technique(HTML) 58 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices AD9929BBCZ Datasheet HTML 59Page - Analog Devices AD9929BBCZ Datasheet HTML 60Page - Analog Devices AD9929BBCZ Datasheet HTML 61Page - Analog Devices AD9929BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
AD9929
Rev. A | Page 58 of 64
APPLICATIONS WHERE THE CLI CLOCK FREQUENCY CHANGES DURING OPERATION
The AD9929 must be reset, as described in Figure 69, if the CLI
clock frequency is changed during operation. The DCLK1
output can become unstable if this reset sequence is not applied
after any changes in the CLI clock frequency.
3
12
t
DELAY*
VD
(OUTPUT)
OUTPUTS
CL
OUTCONT
(INTERNAL
SIGNAL)
DIG_STBY
(REGISTER)
SERIAL
WRITES
DCLK1I
t1
HD, VD, H1, (SUBCK = VH2)
FAST
FAST
SLOW
HD
(OUTPUT)
4
(V1, V2, V3, V4 = VL), H2, STROBE, MSHUT
REGION B
REGION A
REGION C
SERIAL PROGRAMMING STEPS MUST BE FOLLOWED WHEN THE CLI CLOCK FREQUENCY CHANGES
1. OUTCONT_REG = 0
2. DIG_STBY = 0
3. DIG_STBY = 1
4. OUTCONT_REG = 1
NOTES ABOUT REGIONS A, B, AND C
1DIGITAL OUTPUTS MAY BECOME INVALID IN REGION A
2DIGITAL OUTPUTS ARE OUTPUT AS SHOWN IN REGION B
3DCLK1 OUTPUT MAY BECOME INVALID IN REGION C
4APPLICATIONS SHOULD NOT USE OUTPUT SIGNALS IN REGION C
t1 = MINIMUM OF 2 CLI CLOCK CYCLES
*IT TAKES 4 CLI CLOCK CYCLES FROM WHEN OUTCONT GOES HIGH UNTIL VD, HD AND DIGITAL OUTPUT DATA IS VALID.
Figure 69. Reset Sequence That Must Be Applied when Changing the CLI Clock Frequency During Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64