Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9929BBCZ Fiches technique(PDF) 57 Page - Analog Devices

No de pièce AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Fiches technique(HTML) 57 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 53Page - Analog Devices AD9929BBCZ Datasheet HTML 54Page - Analog Devices AD9929BBCZ Datasheet HTML 55Page - Analog Devices AD9929BBCZ Datasheet HTML 56Page - Analog Devices AD9929BBCZ Datasheet HTML 57Page - Analog Devices AD9929BBCZ Datasheet HTML 58Page - Analog Devices AD9929BBCZ Datasheet HTML 59Page - Analog Devices AD9929BBCZ Datasheet HTML 60Page - Analog Devices AD9929BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
AD9929
Rev. A | Page 57 of 64
SHUT-DOWN MODE OPERATION
Recommended Power-Down Sequence
When the AD9929 is going to be powered down, the following
sequence is recommended (refer to Figure 68 for each step).
1.
Program OUTCONT_REG (Address 0x05) = 0.
2.
Program registers AFESTBY (Address 0x05) = 0 and
DIGSTBY (Address 0x05) = 0.
3.
Remove power from AD9929.
VDD
(INPUT)
SERIAL
WRITES
VD
(OUTPUT)
DIGITAL
OUTPUTS
H2, RG, MSHUT, STROBE
H1, VSUB
CLI
(INPUT)
HD
(OUTPUT)
OUTCONT
(INTERNAL)
ODD FIELD
EVEN FIELD
ODD FIELD
AFESTBY
(REGISTER)
DIGSTBY
(REGISTER)
4
DCLK1
NOTE
1DCLK2 WILL BE OUTPUT ON THE FD/DCLK2 PIN 16 PROVIDING REGISTER DCLK2SEL (ADDRESS 0xD5) = 1.
DCLK21
Figure 68. Recommended Shut-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64