| Moteur de recherche de fiches techniques de composants électroniques |
|
100761908 Fiches technique(PDF) 13 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
100761908 Fiches technique(HTML) 13 Page - MKS Instruments. |
|
13 / 20 page ![]() Ordering Information Conic adapter, ISO-Mf flange to ISO-Kf flange in./(mm) Flange Size (ISO) A B C Part Number NW 63 to NW 40 NW 63 to NW 50 NW 80 to NW 40 NW 80 to NW 50 NW 100 to NW 50 3.39 (86) 3.39 (86) 4.64 (118) 4.64 (118) 4.64 (118) 2.37 (60) 2.37 (60) 2.87 (73) 2.87 (73) 3.83 (97) 1.37 (35) 1.87 (47) 1.37 (35) 1.87 (47) 1.87 (47) 100765006 100765017 100765016 100765008 100765018 • Stainlesssteeltype304 • Specialadaptersavailableuponrequest • Highconductanceadapter A C B Step adapter, ISO-Mf flange to ISO-Kf flange in./(mm) Flange Size (ISO) A B Part Number NW 63 to NW 40 NW 63 to NW 50 NW 80 to NW 40 NW 80 to NW 50 NW 100 to NW 40 NW 100 to NW 50 1.77 (45) 1.77 (45) 1.77 (45) 1.77 (45) 1.77 (45) 1.77 (45) 1.37 (35) 1.87 (47) 1.37 (35) 1.87 (47) 1.37 (35) 1.87 (47) 100762606 100762617 100762616 100762608 100762620 100762618 • Stainlesssteeltype304 • WithO-ringgroove • Specialadaptersavailableuponrequest • Shortoveralllength A B |