| Moteur de recherche de fiches techniques de composants électroniques |
|
100761908 Fiches technique(PDF) 6 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
100761908 Fiches technique(HTML) 6 Page - MKS Instruments. |
|
6 / 20 page ![]() flange, Bored in./(mm) Flange Size (ISO) Nominal Bore A B C Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 2½'' 3'' 4'' 6'' 8'' 10'' 123/4'' 16'' 20'' 2.37 (60) 2.87 (73) 3.87 (98) 5.83 (148) 7.76 (197) 9.75 (248) 12.42 (315) 15.62 (397) 19.62 (498) 2.50 (64) 3.00 (76) 4.00 (102) 6.00 (152) 8.00 (203) 10.00 (254) 12.75 (324) 16.00 (406) 20.00 (508) 0.22 (6) 0.22 (6) 0.22 (6) 0.22 (6) 0.22 (6) 0.22 (6) 0.30 (8) 0.30 (8) 0.30 (8) 100760206 100760208 100760210 100760216 100760220 100760225 100760232 100760240 100760250 • Stainlesssteeltype304 • Forinternalweld • Infinitelyrotatable • Madeforinchtubeandpipediameters • Usewithclampsorrotatableboltring B * A C l a e S e d i S * Given as ID of suggested tubing flange, long Weld Stub in./(mm) Flange Size (ISO) Nominal Bore A B C Part Number NW 63 NW 80 NW 100 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 2½'' 3'' 4'' (.065” wall) 4'' (.083” wall) 6'' 8'' 10'' 123/4'' 16'' 20'' 2.37 (60) 2.87 (73) 3.87 (98) 3.87 (98) 5.83 (148) 7.76 (197) 9.75 (248) 12.42 (315) 15.62 (397) 19.62 (498) 2.50 (64) 3.00 (76) 4.00 (102) 4.00 (102) 6.00 (152) 8.00 (203) 10.00 (254) 12.75 (324) 16.00 (406) 20.00 (508) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 100760406 100760408 100760410 100760411 100760416 100760420 100760425 100760432 100760440 100760450 C A B • Stainlesssteeltype304 • Forbuttweld • Standardinchdiameters • Usewithclampsorrotatableboltring flange, Blank-Off in./(mm) Flange Size (ISO) Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 100760106 100760108 100760110 100760116 100760120 100760125 100760132 100760140 100760150 • Stainlesssteeltype304 • Infinitelyrotatable • Tocloseoffunusedports • Usewithclampsorrotatableboltring Seal Side |