| Moteur de recherche de fiches techniques de composants électroniques |
|
100761908 Fiches technique(PDF) 11 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
100761908 Fiches technique(HTML) 11 Page - MKS Instruments. |
|
11 / 20 page ![]() Ordering Information ring, rotatable Bolt in./(mm) Flange Size (ISO) Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 100762806 100762808 100762810 100762816 100762820 100762825 100762832 100762840 100762850 • Aluminum • UsewithMFflange • Steelretainingringincluded • O.D.andboltpatternsameasboltedflange Bolt Set in./(mm) Flange Size (ISO) Bolt Size No. in Set Pitch (mm) Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 NW 630 M 8 x 30 M 8 x 30 M 8 x 30 M 10 x 35 M 10 x 35 M 10 x 35 M 12 x 45 M 12 x 45 M 12 x 45 M 12 x 55 4 8 8 8 12 12 12 16 16 20 1.25 1.25 1.25 1.50 1.50 1.50 1.75 1.75 1.75 1.75 100761306 100761308 100761308 100761316 100761320 100761320 100761332 100761340 100761340 100761363 • Stainlesssteel • Boltedflangetotappedflange • Includeswasher ring, retaining in./(mm) Flange Size (ISO) Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 100762906 100762908 100762910 100762916 100762920 100762925 100762932 100762940 100762950 • Stainlesssteel • Retainsboltring |