| Moteur de recherche de fiches techniques de composants électroniques |
|
100761908 Fiches technique(PDF) 7 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
100761908 Fiches technique(HTML) 7 Page - MKS Instruments. |
|
7 / 20 page ![]() Ordering Information flange, Bolted, Bored in./(mm) Flange Size (ISO) Nominal Bore A B C Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 NW 630 2½'' 3'' 4'' 6'' 8'' 10'' 123/4'' 16'' 20'' 24'' 2.37 (60) 2.87 (73) 3.87 (98) 5.83 (148) 7.76 (197) 9.75 (248) 12.42 (315) 15.62 (397) 19.62 (498) 23.50 (597) 2.50 (64) 3.00 (76) 4.00 (102) 6.00 (152) 8.00 (203) 10.00 (254) 12.75 (324) 16.00 (406) 20.00 (508) 24.00 (610) 0.22 (6) 0.22 (6) 0.22 (6) 0.37 (10) 0.37 (10) 0.41 (11) 0.41 (11) 0.41 (11) 0.41 (11) 0.57 (15) 100762406 100762408 100762410 100762416 100762420 100762425 100762432 100762440 100762450 100762463 • Stainlesssteeltype304 • Forusewithboltsonly • Forinternalweld • Madeforinchtubeandpipediameters • Tappedboltholesonspecialorder flange, Bolted, Weld Stub in./(mm) Flange Size (ISO) Nominal Bore A B C Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 NW 630 2½'' 3'' 4'' (.065'' wall) 6'' 8'' 10'' 123/4'' 16'' 20'' 24'' 2.37 (60) 2.87 (73) 3.87 (98) 5.83 (148) 7.76 (197) 9.75 (248) 12.42 (315) 15.62 (397) 19.62 (498) 23.50 (597) 2.50 (64) 3.00 (76) 4.00 (102) 6.00 (152) 8.00 (203) 10.00 (254) 12.75 (324) 16.00 (406) 20.00 (508) 24.00 (610) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 3.94 (100) 100762706 100762708 100762710 100762716 100762720 100762725 100762732 100762740 100762750 100762763 • Stainlesssteeltype304 • Forbuttweld • Forusewithboltsonly • Madeforinchtubeandpipediameters flange, Bolted, Blank in./(mm) Flange Size (ISO) Part Number NW 63 NW 80 NW 100 NW 160 NW 200 NW 250 NW 320 NW 400 NW 500 NW 630 100760306 100760308 100760310 100760316 100760320 100760325 100760332 100760340 100760350 100760363 • Stainlesssteeltype304 • Tocloseoffunusedportsorforspecialboring • Forusewithboltsonly • Tappedboltholesonspecialorder A* B C Seal Side * Given as ID of suggested tubing C A B Seal Side |