| Moteur de recherche de fiches techniques de composants électroniques |
|
100761908 Fiches technique(PDF) 18 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
100761908 Fiches technique(HTML) 18 Page - MKS Instruments. |
|
18 / 20 page ![]() Metal Hose, thin Wall in./(mm) Flange Size (ISO) A Part Number NW 63 NW 63 NW 63 NW 80 NW 80 NW 80 NW 100 NW 100 9.84 (250) 19.69 (500) 39.40 (1000) 9.84 (250) 19.69 (500) 39.40 (1000) 9.84 (250) 19.69 (500) 100763806 100763906 100764006 100763808 100763908 100764008 100763810 100763910 • CAUTION: Flanges must be supported to prevent collapsing when subjected to vacuum • Unsheathed • Stainlesssteel • Formedmetal • Flexible • Hosebuttwelded A flange Protector Cap in./(mm) Flange Size (ISO) Part Number NW 63 NW 80 NW 100 NW 160 100760006 100760008 100760010 100005788 • Protectsflangefaces • Plastic Metal Hose, thick Wall in./(mm) Flange Size (ISO) Static Bend Radius A Part Number NW 63 NW 63 NW 80 NW 80 NW 100 NW 100 NW 160 NW 160 NW 200 NW 200 NW 250 NW 250 6½'' 6½'' 7'' 7'' 11'' 11'' 17'' 17'' 18'' 18'' 24'' 24'' 19.69 (500) 39.40 (1000) 19.69 (500) 39.40 (1000) 19.69 (500) 39.40 (1000) 19.69 (500) 39.40 (1000) 19.69 (500) 39.40 (1000) 19.69 (500) 39.40 (1000) 100763606 100763706 100763608 100763708 100763610 100763710 100763616 100763716 100763620 100763720 100763625 100763725 A CAUTION: Flanges must be supported to prevent collapsing when subjected to vacuum • Unsheathed • Stainlesssteel • Formedmetal • Speciallengthsonrequest • Hosebuttwelded |