| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8813 Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 72 page ![]() 2004 Mar 05 26 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 handbook, full pagewidth ,, ,, ,,,,, ,,,,, ,,,,, ,,,,, F/S-mode Hs-mode (current-source for SCLH enabled) F/S-mode MSC616 A A A/A DATA (n bytes + ack.) S R/W MASTER CODE Sr SLAVE ADD. Hs-mode continues ,,,, ,,,, Sr SLAVE ADD. P Fig.29 Data transfer format in Hs-mode. MSC618 8-bit Master code 00001xxx A tH t1 S Fs mode Hs-mode If P then Fs mode If Sr (dotted lines) then Hs mode 16 7 8 9 6 7 8 9 1 1 2 to 5 2 to 5 2 to 5 67 89 SDAH SCLH SDAH SCLH tH tFS Sr Sr P n × (8-bit DATA + A/A) 7-bit SLA R/W A = MCS current source pull-up = Rp resistor pull-up Fig.30 Complete data transfer in Hs-mode. |