| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8813 Fiches technique(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Fiches technique(HTML) 61 Page - NXP Semiconductors |
|
61 / 72 page ![]() 2004 Mar 05 61 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 handbook, full pagewidth DISPLAY 102 × 68 pixels MGU648 VDD2 VDD1 I/O 32 102 36 VSS CVLCD CVDD2 CVDD1 PCF8813 Fig.52 Application example using the internal charge pump and two separate VDD sources (VDD1 and VDD2). handbook, full pagewidth MGU649 DISPLAY 102 × 68 pixels I/O 32 102 36 VLCDIN PCF8813 VDD VSS CVDD Fig.53 Application example using external high voltage generation. |