| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8813 Fiches technique(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Fiches technique(HTML) 62 Page - NXP Semiconductors |
|
62 / 72 page ![]() 2004 Mar 05 62 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 19 DEVICE PROTECTION DIAGRAM handbook, full pagewidth MGW770 VDD1 VDD1 VSS1 VSS2 VSS1 T3, T4, VSS1*, VDD* VSS1 VSS1 VDD1 OSC, RES, RD, D/C, PS[2:0], T1, T2, T5, E VLCDOUT VSS1 VLCDIN, VLCDSENSE VSS1 VDD2 VSS1 VSS2 VLCDIN VSS1 VDD1 DB[7:0], SCLK, SDATA, SDO, SA1, SA0, R/W, WR VSS1 VDD1 VSS1 VOTPPROG VSS1 LCD outputs I2C-bus pins VDD3 VSS1 Fig.54 Protection circuit diagrams. Protection diode maximum forward current = 5 mA. |