| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8813 Fiches technique(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Fiches technique(HTML) 59 Page - NXP Semiconductors |
|
59 / 72 page ![]() 2004 Mar 05 59 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 23 − 0 0 0 0 1 1 0 1 display control: set inverse video mode (D = 1 and E=1) 24 − 1 0 0 0 0 0 0 0 control byte with set CO bit and D/C set to logic 0 25 − 1 0 0 0 0 0 0 0 Set X address of RAM: set address to 0000000 26 − 1 1 0 0 0 0 0 0 control byte with set CO bit and D/C set to logic 1 27 − 0 0 0 0 0 0 0 0 data write 28 − 1 0 0 0 0 0 0 0 control byte with set CO bit and D/C set to logic 0 29 − 1 0 0 0 0 0 0 0 set X address of RAM: set address to 0000000 30 I2C-bus start restart 31 − 0 1 1 1 1 SA1 SA0 0 slave address for write 32 − 1 1 0 0 0 0 0 0 control byte with set CO bit and D/C set to logic 1 33 − 1 1 1 1 1 0 0 0 write data 34 − 1 0 0 0 0 0 0 0 control byte with set CO bit and D/C set to logic 0 STEP SERIAL BUS BYTE DISPLAY OPERATION D/C DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 MGS412 MGS412 MGS414 MGS414 MGS414 |