| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8813 Fiches technique(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Fiches technique(HTML) 63 Page - NXP Semiconductors |
|
63 / 72 page ![]() 2004 Mar 05 63 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 20 BONDING PAD INFORMATION handbook, full pagewidth MGW797 x y 0, 0 R67 (ICON ROW) T8 T8 T8 8 Rows 8 Rows 8 Rows 8 Rows 32 Columns 32 Columns 38 Columns 8 Rows 8 Rows 8 Rows 8 Rows alignment & dummy alignment mark alignment mark dummy alignment & dummy Fig.55 Bonding pad locations. (1) Can be used to tie-off unused input pads to the power supply voltage or to ground. (2) Used only for icons. |