| Moteur de recherche de fiches techniques de composants électroniques |
|
175-4591 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 54 page ![]() RWMA CLASS 1 RWMA CLASS 2 TUFFALOY standard straight tips 45 ° R C 1/2 1/2 EE A F D F D A AD E F Overall Gauging Water Hole Water Hole Length Dia. Depth Dia. 5/16 E-1708 140-1708 E-2708 140-2708 5/16 E-1710 140-1710 E-2710 140-2710 5/16 E-1712 140-1712 E-2712 140-2712 5/16 E-1714 140-1714 E-2714 140-2714 5/16 E-1716 140-1716 E-2716 140-2716 2 .731 1-1/4 7/16 2-1/2 .731 1-3 /4 7/16 3 .731 2-1/4 7/16 3-1/2 .731 2-3/4 7/16 4 .731 3-1/4 7/16 2 .844 1-1/4 1/2 2-1/2 .844 1-3/4 1/2 3 .844 2-1/4 1/2 3-1/2 .844 2-3/4 1/2 4 .844 3-1/2 1/2 1-1/4 .613 3/4 3/8 1-1/2 .613 3/4 3/8 1-3/4 .613 1 3/8 2 .613 1-1/4 3/8 2-1/4 .613 1-1/2 3/8 2-1/2 .613 1-3/4 3/8 2-3/4 .613 2 3/8 3 .613 2-1/4 3/8 3-1/4 .613 2-1/2 3/8 3-1/2 .613 2-3/4 3/8 3-3/4 .613 3 3/8 4 .613 3-1/4 3/8 1 .463 1/2 9/32 1-1/4 .463 3/4 9/32 1-1/2 .463 1 9/32 1-3/4 .463 1-1/4 9/32 2 .463 1-1/2 9/32 2-1/4 .463 1-3/4 9/32 2-1/2 .463 2 9/32 2-3/4 .463 2-1/4 9/32 3 .463 2-1/2 9/32 3-1/4 .463 2-3/4 9/32 3-1/2 .463 3 9/32 3-3/4 .463 3-1/4 9/32 4 .463 3-1/2 9/32 9/32 E-1608 140-1618 E-2608 140-2608 9/32 E 1610 140-1610 E-2610 140-2610 9/32 E-1612 140-1612 E-2612 140-2612 9/32 E-1614 140-1614 E-2614 140-2614 9/32 E-1616 140-1616 E-2616 140-2616 1/4 E-1505 140-1505 E-2505 140-2505 1/4 E-1506 140-1506 E-2506 140-2506 1/4 E-1507 140-1507 E-2507 140-2507 1/4 E-1508 140-1508 E-2508 140-2508 1/4 E-1509 140-1509 E-2509 140-2509 1/4 E-1510 140-1510 E-2510 140-2510 1/4 E-1511 140-1511 E-2511 140-2511 1/4 E-1512 140-1512 E-2512 140-2512 1/4 E-1513 140-1513 E-2513 140-2513 1/4 E-1514 140-1514 E-2514 140-2514 1/4 E-1515 140-1515 E-2515 140-2515 1/4 E-1516 140-1516 E-2516 140-2516 3/16 E-1404 140-1404 E-2404 140-2404 3/16 E-1405 140-1405 E-2405 140-2405 3/16 E-1406 140-1406 E-2406 140-2406 3/16 E-1407 140-1407 E-2407 140-2407 3/16 E-1408 140-1408 E-2408 140-2408 3/16 E-1409 140-1409 E-2409 140-2409 3/16 E-1410 140-1410 E-2410 140-2410 3/16 E-1411 140-1411 E-2411 140-2411 3/16 E-1412 140-1412 E-2412 140-2412 3/16 E-1413 140-1413 E-2413 140-2413 3/16 E-1414 140-1414 E-2414 140-2414 3/16 E-1415 140-1415 E-2415 140-2415 3/16 E-1416 140-1416 E-2416 140-2416 Descrip- Part Descrip- Part tion No. tion No. NO. 4 RW TAPER - 1/2” DIAMETER NO. 5 RW TAPER - 5/8” DIAMETER NO. 6 RW TAPER - 3/4” DIAMETER NO. 7 RW TAPER - 7/8” DIAMETER C Welding Face Dia. ‘E’ TRUNCATED CONE RWMA CLASS 1 RWMA CLASS 2 6 F-1708 141-1708 F 2708 141-2708 6 F-1710 141-1710 F-2710 141-2710 6 F-1712 141-1712 F-2712 141-2712 6 F-1714 141-1714 F-2714 141-2714 6 F-1716 141-1716 F-2716 141-2716 4 F-1608 141-1608 F-2608 141-2608 4 F-1610 141-1610 F-2610 141-2610 4 F-1612 141-1612 F-2612 141-2612 4 F-1614 141-1614 F-2614 141-2614 4 F-1616 141-1616 F-2616 141-2616 2 F-1515 141-1505 F-2505 141-2505 2 F-1506 141-1506 F-2506 141-2506 2 F-1507 141-1507 F-2507 141-2507 2 F-1508 141-1508 F-2508 141-2508 2 F-1509 141-1509 F-2509 141-2509 2 F-1510 141-1510 F-2510 141-2510 2 F-1511 141-1511 F-2511 141-2511 2 F-1512 141-1512 F-2512 141-2512 2 F-1513 141-1513 F-2513 141-2513 2 F-1514 141-1514 F-2514 141-2514 2 F-1515 141-1515 F-2515 141-2515 2 F-1516 141-1516 F-2516 141-2516 2 F-1404 141-1404 F-2404 141-2404 2 F-1405 141-1405 F-2405 141-2405 2 F-1406 141-1406 F-2406 141-2406 2 F-1407 141-1407 F-2407 141-2407 2 F-1408 141-1408 F-2408 141-2408 2 F-1409 141-1409 F-2409 141-2409 2 F-1410 141-1410 F-2410 141-2410 2 F-1411 141-1411 F-2411 141-2411 2 F-1412 141-1412 F-2412 141-2412 2 F-1413 141-1413 F-2413 141-2413 2 F-1414 141-1414 F-2414 141-2414 2 F-1415 141-1415 F-2415 141-2415 2 F-1416 141-1416 F-2416 141-2416 Descrip- Part Descrip- Part tion No. tion No. ‘F’ RADIUS FACED R Nose Radius TIP SIZE LENGTH 4 RW 1/2-in. 5 RW 3/4-in. 6 RW 7/8-in. 7 RW 1-1/8-in. TAPER ENGAGEMENT KEY TO DESCRIPTION Nose Designation RWMA Alloy Class RW Taper No. Length, in Number of 1/4-in. increments E-2-5-10 4 |