| Moteur de recherche de fiches techniques de composants électroniques |
|
175-4591 Fiches technique(PDF) 41 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Fiches technique(HTML) 41 Page - List of Unclassifed Manufacturers |
|
41 / 54 page ![]() Tuffaloy Tuffaloy Tuffaloy 88 77 55 Class 1 Alloy Class 2 Alloy Class 3 Alloy Item No. Item No. Item No. 1/8 .048 431-0125 3/16 .106 421-0187 431-0187 1/4 .189 421-0250 431-0250 5/16 .296 421-0313 431-0313 3/8 .426 421-0375 431-0375 1/2 .758 421-0500 431-0500 9/16 .959 421-0562 431-0562 5/8 1.184 411-0625 421-0622 431-0625 21/32 1.82 421-0656 3/4 1.704 411-0750 421-0748 431-0750 7/8 2.32 411-0875 421-0872 431-0875 1 3.03 421-1000 431-1000 1-1/8 3.84 421-1125 431-1125 1-1/4 4.74 421-1250 431-1240 1-3/8 5.74 421-1375 431-1375 1-1/2 6.82 421-1500 431-1500 1-5/8 7.97 431-1625 1-3/4 9.28 421-1750 431-1750 2 12.12 421-2000 431-2000 2-1/8 13.62 431-2125 2-1/4 15.40 421-2250 431-2250 2-1/2 18.97 421-2500 431-2500 2-3/4 23.00 421-2750 3 27.15 421-3000 431-3000 3-1/4 32.05 431-3250 3-1/2 37.18 431-3500 3/8 .472 422-0375 5/8 1.31 422-0625 3/4 2.18 422-0750 432-0750 7/8 2.56 422-0875 432-0875 1 3.35 422-1000 432-1000 1-1/8 4.24 422-1125 432-1125 1-1/4 5.25 422-1250 432-1250 1-1/2 7.55 422-1500 432-1500 1/4 .24 433-0250 3/8 .54 433-0375 1/2 .96 423-0500 433-0500 5/8 1.56 423-0625 433-0625 3/4 2.16 423-0750 433-0750 1 3.84 423-1000 433-1000 1-1/4 6.00 423-1250 433-1250 1-1/2 8.64 423-1500 433-1500 1-3/4 11.83 423-1750 2 15.46 423-2000 433-2000 Tuffaloy Tuffaloy 77 55 Class 2 Alloy Class 3 Alloy Item No. Item No. 1/4 x 1/2 .484 434-0205 1/4 x 3/4 .727 434-0207 1/4 x 1 .96 424-0210 434-0210 1/4 x 1-1/4 1.20 424-0212 1/4 x 1-1/2 1.44 424-0215 434-0215 1/4 x 2 1.92 424-0220 434-0220 3/8 x 5/8 .900 434-0306 3/8 x 314 1.08 424-0307 434-0307 3/8 x 1 1.44 424-0310 434-0310 3/8 x 1-1/2 2.16 424-0315 3/8 x 2 2.88 434-0320 1/2 x 3/4 1.44 424-0507 434-0507 1/2 x 1 1.92 424-0510 434-0510 1/2 x 1-1/4 2.40 434-0512 1/2 x 1-1/2 2.138 424-0515 434-0515 1/2 x 2 3.134 424-0520 434-0520 1/2 x 2-1/2 4.133 424-0525 434-0525 1/2 x 3 5.81 424-0530 434-0530 5/8 x 3/4 1.80 424-0607 434-0607 5/8 x 1 2.40 424-0610 434-0610 5/8 x 1-1/2 3.60 424-0615 434-0615 5/8 x 2 4.85 424-0620 434-0620 5/8 x 3 7.27 424-0630 5/8 x 4 9.60 424-0640 3/4 x 1 2.88 424-0710 434-0710 3/4 x 1-1/4 3.64 424-0712 434-0712 3/4 x 1-1/2 4.32 424-0715 434-0715 3/4 x 2 5.72 424-0720 434-0720 3/4 x 2-1/4 6.48 434-0722 3/4 x 2-1/2 7.20 424-0725 434-0725 3/4 x 3 8.64 424-0730 1 x 1-1/4 4.85 424-1012 434-1012 1 x 1-1/2 5.76 424-1015 434-1015 1 x 2 7.68 424-1020 434-1020 1 x 2-1/2 9.70 424-1025 434-1025 1 X 2-3/4 10.56 424-1027 1 X 3 11.55 424-1030 434-1030 1-1/4 x 1-1/2 7.25 424-1215 1-1/4 x 1-3/4 8.40 424-1217 1-1/4 X 2 9.60 424-1220 1-1/4 X 2-1/2 12.06 424-1225 1-1/2 x 1-3/4 10.09 424-1517 1-1/2 x 2 11.60 424-1520 434-1520 1-1/2 x 3 17.28 424-1530 434-1530 2 x 3-1/4 25.15 424-2032 2 x 3-3/4 29.05 424-2037 TUFFALOY extruded bar stock is used for fabricating special electrodes, platens, adapters, and other conductive parts. Round bar is available in all three alloy classes (1, 2 & 3). The other shapes are made in Class 2 and 3 alloy. Physical properties are superior to those shown on page 45. Bar stock is priced per pound in random mill lengths, from 8 to 12 feet. Additional charges are made depending on specific weights and lengths ordered. See the TUFFALOY price list. Weight Pounds Per Foot Size In Inches Weight Pounds Per Foot Size In Inches TUFFALOY bar stock 40 |