| Moteur de recherche de fiches techniques de composants électroniques |
|
175-4591 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 54 page ![]() RWMA CLASS 1 RWMA CLASS 2 The bright shiny look of TUFFALOY tips is the result of a passivation process that eliminates excessive oxidation. It reflects the deep-down quality built into these tips and into all TUFFALOY products. Only RWMA Class 1 (TUFFALOY 88) and Class 2 (TUFFALOY 77) tips are listed here. Class 3 alloy (TUFFALOY 55) tips are also available. For recommended uses of these alloys, see page 46. To order Class 3 alloy tips, change description code to indicate it: see “Key to Description”, page 4. 30˚ 45˚ ON TIPS 1-1/4 OR LESS IN LENGTH C C 1/2 1/2 EE A F D F D A AD E F Overall Gauging Water Hole Water Hole Length Dia. Depth Dia. 7/8 C-1708 135-1708 C-2708 136-2708 7/8 C-1710 135-1710 C-2710 136-2710 7/8 C-1712 135-1712 C-2712 136-2712 7/8 C-1714 135-1714 C-2714 136-2714 7/8 C-1716 135-1716 C-2716 136-2716 2 .731 1-1 7/16 2-1/2 .731 1-3/4 7/16 3 .731 2-1/4 7/16 3-1/2 .731 2-3/4 7/16 4 .731 3-1/4 7/16 2 .844 1-1/4 1/2 2-1/2 .844 1-3/4 1/2 3 .844 2-1/4 1/2 3-1/2 .844 2-3/4 1/2 4 .844 3-1/2 1/2 1-1/4 .613 3/4 3/8 1-1/2 .613 3/4 3/8 1-3/4 .613 1 3/8 2 .613 1-1/4 3/8 2-1/4 .613 1-1/2 3/8 2-1/2 .613 1-3/4 3/8 2-3/4 .613 2 3/8 3 .613 2-1/4 3/8 3-1/4 .613 2-1/2 3/8 3-1/2 .613 2-3/4 3/8 3-3/4 .613 3 3/8 4 .613 3-1/4 3/8 1 .463 1/2 9/32 1-1/4 .463 3/4 9/32 1-1/2 .463 1 9/32 1-3/4 .463 1-1/4 9/32 2 .463 1-1/2 9/32 2-1/4 .463 1-3/4 9/32 2-1/2 .463 2 9/32 2-3/4 .463 2-1/4 9/32 3 .463 2-1/2 9/32 3-1/4 .463 2-3/4 9/32 3-1/2 .463 3 9/32 3-3/4 .463 3-1/4 9/32 4 .463 3-1/2 9/32 3/4 C-1608 135-1608 C-2608 136-2608 3/4 C-1610 135-1610 C-2610 136-2610 3/4 C-1612 135-1612 C-2612 136-2612 3/4 C-1614 135-1614 C-2614 136-2614 3/4 C-1616 135-1616 C-2616 136-2616 5/8 C-1505 135-1505 C-2505 136-2505 5/8 C-1506 135-1506 C-2506 136-2506 5/8 C-1507 135-1507 C-2507 136-2507 5/8 C-1508 135-1508 C-2508 136-2508 5/8 C-1509 135-1509 C-2509 136-2509 5/8 C-1510 135-1510 C-2510 136-2510 5/8 C-1511 135-1511 C-2511 136-2511 5/8 C-1512 135-1512 C-2512 136-2512 5/8 C-1513 135-1513 C-2513 136-2513 5/8 C-1514 135-1514 C-2514 136-2514 5/8 C-1515 135-1515 C-2515 136-2515 5/8 C-1516 135-1516 C-2516 136-2516 1/2 C-1404 135-1404 C-2404 136-2404 1/2 C-1405 135-1405 C-2405 136-2405 1/2 C-1406 135-1406 C-2406 136-2406 1/2 C-1407 135-1407 C-2407 136-2407 1/2 C-1408 135-1408 C-2408 136-2408 1/2 C-1409 135-1409 C-2409 136-2409 1/2 C-1410 135-1410 C-2410 136-2410 1/2 C-1411 135-1411 C-2411 136-2411 1/2 C-1412 135-1412 C-2412 136-2412 1/2 C-1413 135-1413 C-2413 136-2413 1/2 C-1414 135-1414 C-2414 136-2414 1/2 C-1415 135-1415 C-2415 136-2415 1/2 C-1416 135-1416 C-2416 136-2416 Descrip- Part Descrip- Part tion No. tion No. NO. 4 RW TAPER - 1/2” DIAMETER NO. 5 RW TAPER - 5/8” DIAMETER NO. 6 RW TAPER - 3/4” DIAMETER NO. 7 RW TAPER - 7/8” DIAMETER C Welding Face Dia. ‘C’ FLAT NOSE RWMA CLASS 1 RWMA CLASS 2 5/16 D-1708 137-1708 D-2708 138-2708 5/16 D-1710 137-1710 D-2710 138-2710 5/16 D-1712 137-1712 D-2712 138-2712 5/16 D-1714 137-1714 D-2714 138-2714 5/16 D-1716 137-1716 D-2716 138-2716 9/32 D-1608 137-1608 D-2608 138-2608 9/32 D-1610 137-1610 D-2610 138-2610 9/32 D-1612 137-1612 D-2612 138-2612 9/32 C-1614 137-1614 D-2614 138-2614 9/32 D-1616 137-1616 D-2616 138-2616 1/4 D-1505 137-1505 D-2505 138-2505 1/4 D-1506 137-1506 D-2506 138-2506 1/4 D-1507 137-1507 D-2507 138-2507 1/4 D-1508 137-1508 D-2508 138-2508 1/4 D-1509 137-1509 D-2509 138-2509 1/4 D-1510 137-1510 D-2510 138-2510 1/4 D-1511 137-1511 D-2511 138-2511 1/4 D-1512 137-1512 D-2512 138-2512 1/4 D-1513 137-1513 D-2513 138-2513 1/4 D-1514 137-1514 D-2514 138-2514 1/4 D-1515 137-1515 D-2515 138-2515 1/4 D-1516 137-1516 D-2516 138-2516 3/16 D-1404 137-1404 D-2404 138-2404 3/16 D-1405 137-1405 D-2405 138-2405 3/16 D-1406 137-1406 D-2406 138-2406 3/16 D-1407 137-1407 D-2407 138-2407 3/16 D-1408 137-1408 D-2408 138-2408 3/16 D-1409 137-1409 D-2409 138-2409 3/16 D-1410 137-1410 D-2410 138-2410 3/16 D-1411 137-1411 D-2411 138-2411 3/16 D-1412 137-1412 D-2412 138-2412 3/16 D-1413 137-1413 D-2413 138-2413 3/16 D-1414 137-1414 D-2414 138-2414 3/16 D-1415 137-1415 D-2415 138-2415 3/16 D-1416 137-1416 D-2416 138-2416 Descrip- Part Descrip- Part tion No. tion No. ‘D’ OFFSET NOSE C Welding Face Dia. 3 TUFFALOY standard straight tips |