| Moteur de recherche de fiches techniques de composants électroniques |
|
175-4591 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 54 page ![]() AB C Overall Tip Male Description Part No. Length Dia. (Hex) Thread 2 1 5/8-11 5100-11-C 187-5100-11 1 5/8-18 5100-18-C 187-5100-18 1 3/4-11 5100-10-C 187-5100-10 1-1/4 3/4-10 5125-10-C 187-5125-10 FLAT ELECTRODES AB C Overall Tip Male Description Part No. Length Dia. (Hex) Thread 2 1 5/8-11 5100-11-E 188-5100-11 1 5/8-18 5100-18-E 188-5100-18 1 3/4-10 5100-10-E 188-5100-10 1-1/4 3/4-10 5125-10-E 188-5125-10 TRUNCATED ELECTRODES AB C Overall Tip Male Description Part No. Length Dia. (Hex) Thread 3/4 5/8 7/16-14 5062-14-C 187-5062-14 3/4 5/8 3/8-16 5062-16-C 187-5062-16 “C” NOSE ELECTRODES AB C Overall Tip Male Description Part No. Length Dia. (Hex) Thread ‘ 3/4 5/8 7/16-14 5062-14-E 188-5062-14 “E” NOSE ELECTRODES 13 TUFFALOY threaded tips Tuffaloy threaded electrodes are Class 2 alloy. Other materials are available. |