| Moteur de recherche de fiches techniques de composants électroniques |
|
175-4591 Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 54 page ![]() Holders Number of Coolant Ports For Tip One Set Two Sets Clamp Sizes Descrip- Part Descrip- Part Descrip- Part tion No. tion No. tion No. 4 & 5 RW 101-A 194-2020 101-B 194-2025 101-2 194-2040 6 & 7 RW 102-A 194-2070 102-B 194-2075 102-2 194-2060 4 & 5 RW 103-A 194-2080 103-B 194-2081 101-2 194-2040 5 RW SH-102-B 194-2085 102-2 194-2060 HOLDERS and CLAMPS STRAIGHT HOLDERS Straight holders for multi-spot welding are available in two sizes, to carry tips having four different diameters. Series 101 holders are for 4 & 5RW tips, and Series 102 holders are for 6 & 7RW tips. They may be ordered with one or two sets of coolant ports. Mating electrical contact surfaces of both the barrels and the clamp are silver plated. Item Numbers for replacement barrels and clamp parts are called out on the drawings. To determine distance adapter sticks out from holder, deduct 1/2” from length of adapter selected. Water tubes 1/2” longer than adapter will install approx- imately flush with adapter face. To determine distance adapter sticks out from holder deduct 3/4” from length of adapter selected. Water tubes 3/4” longer than adapter will install approx- imately flush with adapter face. CLAMP AND BARREL ARE SEPARATE PARTS Adapters, water connectors and water tubes (see page 15 & 16) are sold separately. 101 SERIES HOLDERS (For 4 & 5 RW Tips) 102 SERIES HOLDERS (For 6 & 7 RW Tips) FOR WATER TUBES SEE PAGE 16 FOR WATER TUBES SEE PAGE 16 194-2080 Barrel Only for 7/8 - 14 NF Adapter 194-2081 Barrel Only Dual w/Con. @ 20° Offset for 7/8 - 14 NF Adapter 194-2085 (1-3/8 diameter barrel) only for 1-12 NF adapter 17 HOLDER CLAMP 101-2: PART NO. 194-2040 HOLDER BARREL: SINGLE-PORTED, 101-A: PART NO. 194-2020 DOUBLE-PORTED, 101-B: PART NO. 194-2025 HOLDER BARREL: SINGLE-PORTED, 102-A: PART NO. 194-2070 DOUBLE-PORTED, 102-B: PART NO. 194-2075 HOLDER CLAMP 102-2: PART NO. 194-2060 1/4 NPT HOSE CONNECTOR, 8241: PART NO. 195-8241 ADAPTER (1/2 NPT) ADAPTER (3/4 NPT) 1/4 NPT HOSE CONNECTOR, 8241: PART NO. 195-8241 TUFFALOY multi-spot barrel and clamp Threaded adapters for barrels can be found on page 16. |